Part Number Hot Search : 
5KE110 ELM99333 BRUS320 1N4985US MD982 SI3493DV X2010 UF1504S
Product Description
Full Text Search
 

To Download 0942422318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0942422318 Active
2.54mm (.100") Pitch, MOX Header, 2.54mm (.100") Grid, Through Hole, PCT, Vertical, 18 Circuit, White
Documents: Packaging Specification (PDF) Test Summary (PDF) 3D Model
Drawing (PDF) Product Specification PS-94242-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 94242 Wire-to-Board MOX EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 18 18 Natural 100 No No Yes Brass Tin Tin High Temperature Thermoplastic 2 Vertical 0.114 In 2.90 mm Yes Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 120 3 120 3 Yes Yes Partial No No -40C to +125C Through Hole
Search Parts in this Series 94242Series Mates With 98695
Electrical
Current - Maximum per Contact Voltage - Maximum 6A 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 SMC & Wave Capable (TH only) 3 265
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-94242-001 SD-94242-003
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0942422318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X